전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C970 데이터시트(PDF) 32 Page - Advanced Micro Devices

부품명 AM79C970
상세설명  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 데이터시트(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 28Page - Advanced Micro Devices AM79C970 Datasheet HTML 29Page - Advanced Micro Devices AM79C970 Datasheet HTML 30Page - Advanced Micro Devices AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 168 page
background image
P R E L I M I N A R Y
AMD
1-899
Am79C970
Master Abort
The PCnet-PCI controller will terminate its cycle with a
Master Abort sequence if
DEVSEL is not asserted within
4 clocks after
FRAME is asserted. Master Abort is
treated as a fatal error by the PCnet-PCI controller. The
PCnet-PCI controller will reset all CSR and BCR loca-
tions to their H_RESET values. Any on-going network
activity will be stopped immediately. The PCI configura-
tion registers will not be cleared. RMABORT (bit 13) in
the Status register will be set to indicate that the PCnet-
PCI controller has terminated its transaction with a mas-
ter abort.
18220C-14
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
12345678
ADDR
DATA
0000
0111
10
9
PAR
PAR
PAR
DEVSEL is sampled by the PCnet-PCI controller.
Figure 12. Master Abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More