전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C970 데이터시트(PDF) 143 Page - Advanced Micro Devices

부품명 AM79C970
상세설명  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 데이터시트(HTML) 143 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 139Page - Advanced Micro Devices AM79C970 Datasheet HTML 140Page - Advanced Micro Devices AM79C970 Datasheet HTML 141Page - Advanced Micro Devices AM79C970 Datasheet HTML 142Page - Advanced Micro Devices AM79C970 Datasheet HTML 143Page - Advanced Micro Devices AM79C970 Datasheet HTML 144Page - Advanced Micro Devices AM79C970 Datasheet HTML 145Page - Advanced Micro Devices AM79C970 Datasheet HTML 146Page - Advanced Micro Devices AM79C970 Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 168 page
background image
AMD
P R E L I M I N A R Y
1-1010
Am79C970
SWITCHING WAVEFORMS: System Bus Interface
18220C-41
CLK
tVAL(REQ)
Tx
Tx
Tx
MIN
MAX
Valid n
Valid n+1
REQ
MIN
MAX
Valid n
Valid n+1
tVAL
AD[31:00] C/
BE[3:0],
PAR,
FRAME, IRDY,
TRDY, STOP, LOCK,
DEVSEL, PERR, SERR
Output Valid Delay Timing
18220C-42
CLK
Tx
Tx
Tx
AD[31:00], C/
BE[3:0],
PAR,
FRAME, IRDY,
TRDY, STOP, LOCK,
DEVSEL
AD[31:00], C/
BE[3:0],
PAR,
FRAME, IRDY,
TRDY, STOP, LOCK,
DEVSEL
Valid n
tOFF
tON
Valid n
Output Tri–State Delay Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More