전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2-LP 데이터시트(PDF) 88 Page - STMicroelectronics

부품명 S2-LP
상세설명  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP 데이터시트(HTML) 88 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 82Page - STMicroelectronics S2-LP Datasheet HTML 83Page - STMicroelectronics S2-LP Datasheet HTML 84Page - STMicroelectronics S2-LP Datasheet HTML 85Page - STMicroelectronics S2-LP Datasheet HTML 86Page - STMicroelectronics S2-LP Datasheet HTML 87Page - STMicroelectronics S2-LP Datasheet HTML 88Page - STMicroelectronics S2-LP Datasheet HTML 89Page - STMicroelectronics S2-LP Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
Package information
S2-LP
88/90
DocID029944 Rev 1
Table 60: QFN24L (4x4 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.00
4.15
D2
2.60
2.70
2.80
E
3.85
4.00
4.15
E2
2.60
2.70
2.80
e
0.50
L
0.35
0.40
0.45
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90