| 전자부품 데이터시트 검색엔진 |
|
LIS2HH12 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2HH12 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 47 page ![]() Digital interfaces LIS2HH12 28/47 DocID025344 Rev 5 6.2.3 SPI read in 3-wire mode 3-wire mode is entered by setting the CTRL4 (23h) (SIM) bit equal to ‘1’ (SPI serial interface mode selection). Figure 13. SPI read protocol in 3-wire mode The SPI read command is performed with 16 clock pulses: bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first). A multiple read command is also available in 3-wire mode. CS SPC SDI/O RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 AD6 |