| 전자부품 데이터시트 검색엔진 |
|
HAL856 데이터시트(PDF) 34 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 데이터시트(HTML) 34 Page - Micronas |
|
34 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 34 Sept. 19, 2013; APN000046_03EN Micronas Step 5: Store the registers permanently. The “Store” sequence is given in Fig. 4–8. The permanent storing of data into the EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits (PROM) are written. Fig. 4–8: Store sequence BEGIN SET PROGRAMMING PULSE WIDTH STX u CHR$(200) ETX [Pulse Width 100 ms] END ERASE STX m 5 1 1 1 ETX [acts on all EEPROM registers] PROM STX m 4 0 1 1 ETX [acts on all EEPROM registers] |