전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HAL856 데이터시트(PDF) 46 Page - Micronas

부품명 HAL856
상세설명  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 데이터시트(HTML) 46 Page - Micronas

Back Button HAL856 Datasheet HTML 42Page - Micronas HAL856 Datasheet HTML 43Page - Micronas HAL856 Datasheet HTML 44Page - Micronas HAL856 Datasheet HTML 45Page - Micronas HAL856 Datasheet HTML 46Page - Micronas HAL856 Datasheet HTML 47Page - Micronas HAL856 Datasheet HTML 48Page - Micronas HAL856 Datasheet HTML 49Page - Micronas HAL856 Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
46
Sept. 19, 2013; APN000046_03EN
Micronas
5.3.5.
Register Information (HAL805 / HAL815 / HAL817)
Terminology:
REGISTER: Name of the register or register value
Register: Name of the parameter
CLAMP LOW
– The register range is from 0 up to 1023.
– The register value is calculated by:
CLAMP HIGH
– The register range is from 0 up to 2047.
– The register value is calculated by:
VOQ
– The register range is from
1024 up to 1023.
– The register value is calculated by:
SENSITIVITY
– The register range is from
8192 up to 8191.
– The register value is calculated by:
TC and TCSQ
– The TC register range is from
31 up to 31.
– The TCSQ register range is from 0 up to 31.
Please refer to the data sheet for the recommended values.
CLAMP LOW
Low Clamping Voltage
V
DD
------------------------------------------------------- 2048
=
CLAMP HIGH
High Clamping Voltage
V
DD
---------------------------------------------------------- 2048
=
VOQ
V
OQ
V
DD
----------- 1024
=
SENSITIVITY
Sensitivity 2048
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More