전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HAL856 데이터시트(PDF) 62 Page - Micronas

부품명 HAL856
상세설명  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 데이터시트(HTML) 62 Page - Micronas

Back Button HAL856 Datasheet HTML 58Page - Micronas HAL856 Datasheet HTML 59Page - Micronas HAL856 Datasheet HTML 60Page - Micronas HAL856 Datasheet HTML 61Page - Micronas HAL856 Datasheet HTML 62Page - Micronas HAL856 Datasheet HTML 63Page - Micronas HAL856 Datasheet HTML 64Page - Micronas HAL856 Datasheet HTML 65Page - Micronas HAL856 Datasheet HTML 66Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
62
Sept. 19, 2013; APN000046_03EN
Micronas
6. Operation Mode 2
HAL855
This operation mode is set by sending the “j2” command.
Communication:
PC
prog. board
Section 6.1 and Section 6.2 contain a detailed description of communication between
the PC and the programmer board V 5.1. Particularly, all board commands available in
the operation mode “j2” are listed.
Communication:
prog. board
sensor
The communication between the programmer board and the Hall sensor is described in
Section 6.3
Data formats
The data formats for communication between both the PC and the board, and the
board and the sensor are summarized in Section 6.4
Programming
procedure
Finally, Section 6.5 depicts the programming procedure and gives an example of a
complete programming sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More