| 전자부품 데이터시트 검색엔진 |
|
HAL856 데이터시트(PDF) 52 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 데이터시트(HTML) 52 Page - Micronas |
|
52 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 52 Sept. 19, 2013; APN000046_03EN Micronas Table 5–8: Data formats of HAL82x, HAL83x, HAL880 and HAL1002 Register Char DAT3 DAT2 DAT1 DAT0 Bit 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00 CLAMP LOW Write Read V V V V V V V V V V V V V V V V CLAMP HIGH Write Read V V V V V V V V V V V V V V V V V V VOQ Write Read V V V V V V V V V V V V V V V V V V V V V V SENSITIVITY Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V V V MODE (onlyHAL82x and HAL880) Write Read V V V V V V V V V V V V V V V V MODE (only HAL83x) Write Read V V V V V V V V V V V V V V V V V V V V LOCKR Write Read V V V V GP1..3 Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V D/A-READOUT Read VVV VVVVVVVVVVV TC Write Read V V V V V V V V V V V V V V V V V V V V GP0 Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V DEACTIVATE Write 1 00000001111 V: valid, : ignore, bit order: MSB first |