| 전자부품 데이터시트 검색엔진 |
|
HAL856 데이터시트(PDF) 65 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 데이터시트(HTML) 65 Page - Micronas |
|
65 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 65 Examples: (Blanks are given for better readability only) – set board operation mode: STX j 2 ETX –power on: STX n ETX – set bit time slow CHR$(85) = ’U’: STX z U ETX – read register no. 2: STX q 0 1 2 1 ETX – write register no. 2: STX e 3 1 2 1 0 0 0 A 1 ETX – write output characteristic setpoint 0: STX e 1 0 0 0 0 0 0 0 1 ETX – write output characteristic setpoint 16: STX e 2 0 0 0 0 1 0 0 0 ETX – read output characteristic setpoint 15: STX e 6 1 f 0 ETX – read output characteristic setpoint 31: STX q 7 0 f 0 ETX – store sequence: STX u CHR$(100) ETX (set programming time) STX y CHR$(11) ETX (set delay of Acknowledge) STX c 5 1 3 0 4 0 3 0 6 1 0 0 ETX (ERASE-PROM-READ) – deactivate sensors: STX e 3 1 F 0 0 8 0 F 0 ETX – select sensor 1: STX h 1 CHR$(25) ETX – lock sensors STX e 3 1 6 0 0 0 0 1 0 ETX (set Lock bit) STX u CHR$(100) ETX (set programming time) STX y CHR$(11) ETX (set delay of Acknowledge) STX k 4 0 6 0 0 1 3 0 ETX (PROM-READ) m[p] p = 0 ... 7 (as HEX) Read PWM sequence p = PWM period (2p in ms). v Request firmware version t Request status and echo data to PC j[p] p = 0...3 (as HEX) Switch board operation mode 0 = EMU Board V 4.1 (default) 1 = HAL805, HAL815, HAL817, HAL810, HAL 82x, HAL83x, HAL 880, HAL100x 2 = HAL855 3 = HAL856 Table 6–2: Description of the board commands, continued BCMD Parameters Description |