전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO8200BQ 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 ISO8200BQ
상세설명  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 19Page - STMicroelectronics ISO8200BQ Datasheet HTML 20Page - STMicroelectronics ISO8200BQ Datasheet HTML 21Page - STMicroelectronics ISO8200BQ Datasheet HTML 22Page - STMicroelectronics ISO8200BQ Datasheet HTML 23Page - STMicroelectronics ISO8200BQ Datasheet HTML 24Page - STMicroelectronics ISO8200BQ Datasheet HTML 25Page - STMicroelectronics ISO8200BQ Datasheet HTML 26Page - STMicroelectronics ISO8200BQ Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
ISO8200BQ
Power section
DocID027303 Rev 4
23/37
7
Power section
7.1
Current limitation
The current limitation process is active when the current sense connected on the output
stage measures a current value, which is higher than a fixed threshold.
When this condition is verified the gate voltage is modulated to avoid the increase of the
output current over the limitation value.
Figure below shows typical output current waveforms with different load conditions.
Figure 16: Current limitation with different load conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37