전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A5974D 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 A5974D
상세설명  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 2Page - STMicroelectronics A5974D Datasheet HTML 3Page - STMicroelectronics A5974D Datasheet HTML 4Page - STMicroelectronics A5974D Datasheet HTML 5Page - STMicroelectronics A5974D Datasheet HTML 6Page - STMicroelectronics A5974D Datasheet HTML 7Page - STMicroelectronics A5974D Datasheet HTML 8Page - STMicroelectronics A5974D Datasheet HTML 9Page - STMicroelectronics A5974D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Electrical characteristics
A5974D
6/46
DocID018774 Rev 2
3
Electrical characteristics
TJ = -40 °C to 125 °C, VCC = 12 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
V0 = 1.235 V; I0 = 2 A
4
36
V
RDS(on) MOSFET on-resistance
0.250
0.5
IL
Maximum limiting current
VCC = 5 V
3.1
3.6
4.1
A
fSW
Switching frequency
212
250
280
kHz
Duty cycle
0
100
%
Dynamic characteristics
V5
Voltage feedback
4.4 V < VCC < 36 V,20 mA < I0 < 2 A 1.198 1.235 1.272
V
DC characteristics
Iqop
Total operating quiescent current
3
5
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5 V
2.5
mA
Iqst-by
Total standby quiescent current
Vinh > 2.2 V
50
100
A
VC C = 36 V; Vinh > 2.2 V
50
100
A
Inhibit
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplifier
VOH
High level output voltage
VFB = 1 V
3.5
V
VOL
Low level output voltage
VFB = 1.5 V
0.4
V
Io source
Source output current
VCOMP = 1.9 V; VFB = 1 V
190
300
A
Io sink
Sink output current
VCOMP = 1.9 V; VFB = 1.5 V
1
1.5
mA
Ib
Source bias current
2.5
4
A
DC open loop gain
RL =
50
65
dB
gm
Transconductance
ICOMP = -0.1 mA to 0.1 mA;
VCOMP = 1.9 V
2.3
mS
Synch function
High input voltage
VCC = 4.4 to 36 V
2.5
VREF
V
Low input voltage
VCC = 4.4 to 36 V
0.74
V
Slave synch current(1)
Vsynch = 0.74 V, Vsynch = 2.33 V
0.11
0.21
0.25
0.45
mA
Master output amplitude
Isource = 3 mA
2.75
3
V
Output pulse width
no load, Vsynch = 1.65 V
0.20
0.35
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com