전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A5974D 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 A5974D
상세설명  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D 데이터시트(HTML) 1 Page - STMicroelectronics

  A5974D Datasheet HTML 1Page - STMicroelectronics A5974D Datasheet HTML 2Page - STMicroelectronics A5974D Datasheet HTML 3Page - STMicroelectronics A5974D Datasheet HTML 4Page - STMicroelectronics A5974D Datasheet HTML 5Page - STMicroelectronics A5974D Datasheet HTML 6Page - STMicroelectronics A5974D Datasheet HTML 7Page - STMicroelectronics A5974D Datasheet HTML 8Page - STMicroelectronics A5974D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
This is information on a product in full production.
June 2014
DocID018774 Rev 2
1/46
A5974D
Up to 2.5 A step-down switching regulator for automotive
applications
Datasheet
- production data
Features
 Qualified following the AEC-Q100
requirements (see PPAP for more details)
 2.5 A DC output current
 Operating input voltage from 4 V to 36 V
 3.3 V / (± 2%) reference voltage
 Output voltage adjustable from 1.235 V to 35 V
 Low dropout operation: 100% duty cycle
 250 kHz internally fixed frequency
 Voltage feed-forward
 Zero load current operation
 Internal current limiting
 Inhibit for zero current consumption
 Synchronization
 Protection against feedback disconnection
 Thermal shutdown
Application
 Dedicated to automotive applications
Description
The A5974D is a step-down monolithic power
switching regulator with a minimum switch current
limit of 3.1 A, so it is able to deliver up to 2.5 A DC
current to the load depending on the application
conditions. The output voltage can be set from
1.235 V to 35 V. The high current level is also
achieved thanks to an HSOP8 package with an
exposed frame, that allows to reduce the Rth(JA)
down to approximately 40 °C/W. The device uses
an internal P-channel DMOS transistor (with
a typical RDS(on) of 250 m) as a switching
element to minimize the size of the external
components. An internal oscillator fixes the
switching frequency at 250 kHz. Having
a minimum input voltage of 4 V only it fits the
automotive applications requiring the device
operation even in cold crank conditions. A pulse-
by-pulse current limit with the internal frequency
modulation offers an effective constant current
short-circuit protection.
HSOP8 - exposed pad
Figure 1. Application schematic
small signal
power plane
=4V TO 36V
TP3
GND
TP3
GND
D1
D1
VOUT
1
VCC
8
VREF
6
EX-PAD
9
INH
3
COMP
4
GND
7
FB
5
SYNC
2
U1
A5974D
U1
A5974D
C9
330uF
C9
330uF
TP2
VOUT
TP2
VOUT
C3
100p
C3
100p
TP4
GND
TP4
GND
L1 15uH
L1 15uH
C4
33nF
C4
33nF
R3
10K
R3
10K
R1
5.6K
R1
5.6K
C2
68nF
50V
C2
68nF
50V
C1
10uF
50V
C1
10uF
50V
TP1
VIN
TP1
VIN
R2
3.3K
R2
3.3K
www.st.com


유사한 부품 번호 - A5974D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
More results

유사한 설명 - A5974D

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
Low current operation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
M/A-COM Technology Solu...
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
Zero Bias Operation
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
logo
Wall Industries,Inc.
FA12S43-250 WALL-FA12S43-250 Datasheet
180Kb / 4P
Operation to No Load
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com