전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A5974D 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 A5974D
상세설명  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 6Page - STMicroelectronics A5974D Datasheet HTML 7Page - STMicroelectronics A5974D Datasheet HTML 8Page - STMicroelectronics A5974D Datasheet HTML 9Page - STMicroelectronics A5974D Datasheet HTML 10Page - STMicroelectronics A5974D Datasheet HTML 11Page - STMicroelectronics A5974D Datasheet HTML 12Page - STMicroelectronics A5974D Datasheet HTML 13Page - STMicroelectronics A5974D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Functional description
A5974D
10/46
DocID018774 Rev 2
5.2
Voltages monitor
An internal block continuously senses the VCC, Vref and Vbg. If the voltages go higher than
their thresholds, the regulator begins operating. There is also a hysteresis on the VCC
(UVLO).
Figure 4. Internal circuit
5.3
Oscillator and synchronization
Figure 5 shows the block diagram of the oscillator circuit.
The clock generator provides the switching frequency of the device, which is internally fixed
at 250 kHz. The frequency shifter block acts to reduce the switching frequency in case of
strong overcurrent or short-circuit. The clock signal is then used in the internal logic circuitry
and is the input of the ramp generator and synchronizer blocks.
The ramp generator circuit provides the sawtooth signal, used for PWM control and the
internal voltage feed-forward, while the synchronizer circuit generates the synchronization
signal. The device also has a synchronization pin which can work both as master and slave.
Beating frequency noise is an issue when more than one voltage rail is on the same board.
A simple way to avoid this issue is to operate all the regulators at the same switching
frequency.
The synchronization feature of a set of the A5974D is simply get connecting together their
SYNCH pin. The device with highest switching frequency will be the MASTER and it
provides the synchronization signal to the others. Therefore the SYNCH is an I/O pin to
deliver or recognize a frequency signal. The synchronization circuitry is powered by the
internal reference (VREF) so a small filtering capacitor (100 nF) connected between VREF
pin and the signal ground of the master device is suggested for its proper operation.
However when a set of synchronized devices populates a board it is not possible to know in
advance the one working as a master, so the filtering capacitors have to be designed for
whole set of devices.
When one or more devices are synchronized to an external signal, its amplitude have to be
in comply with specifications given in Table 4 on page 6. The frequency of the
synchronization signal must be, at a minimum, higher than the maximum guaranteed natural
switching frequency of the device (275 kHz, see Table 4) while the duty cycle of the
synchronization signal can vary from approximately 10% to 90%. The small capacitor under
the VREF pin is required for this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com