전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7FOXU0 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 ST7FOXU0
상세설명  1 additional output line
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXU0 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button ST7FOXU0 Datasheet HTML 6Page - STMicroelectronics ST7FOXU0 Datasheet HTML 7Page - STMicroelectronics ST7FOXU0 Datasheet HTML 8Page - STMicroelectronics ST7FOXU0 Datasheet HTML 9Page - STMicroelectronics ST7FOXU0 Datasheet HTML 10Page - STMicroelectronics ST7FOXU0 Datasheet HTML 11Page - STMicroelectronics ST7FOXU0 Datasheet HTML 12Page - STMicroelectronics ST7FOXU0 Datasheet HTML 13Page - STMicroelectronics ST7FOXU0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
Description
ST7FOXU0
10/123
1
Description
The ST7FOXU0 is a member of the ST7 microcontroller family. All ST7 devices are based
on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The device is positioned at the entry level of the 8-bit microcontroller range providing an
attractive cost while at the same time embedding the most advanced features.
The ST7FOXU0 features Flash memory with byte-by-byte In-Circuit Programming (ICP) and
In-Application Programming (IAP) capability.
Under software control, the ST7FOXU0 device can be placed in Wait, Slow, or Halt mode,
reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7FOXU0 features an on-chip Debug Module (DM) to support In-Circuit Debugging
(ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference
Manual.
Figure 1.
General block diagram
8-bit core
ALU
PA3 / RESET
Port A
10-bit ADC
with watchdog
Internal
Clock
Control
RAM
(128 Bytes)
PA5:0
(6 bits)
VSS
VDD
Power
Supply
8-MHz RC
Lite timer
Memory
12-bit auto-
reload timer
Flash
2 K Byte
AWU RC
External
Clock
Osc
Osc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com