전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFB 데이터시트(PDF) 68 Page - Renesas Technology Corp

부품명 R5F564MJCDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFB 데이터시트(HTML) 68 Page - Renesas Technology Corp

Back Button R5F564MJCDFB Datasheet HTML 64Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 65Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 66Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 67Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 68Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 69Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 68 of 228
Oct 24, 2016
RX64M Group
3. Address Space
3.
Address Space
3.1
Address Space
This MCU has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is,
linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas.
Figure 3.1 shows the memory maps in the respective operating modes. Accessible areas will differ according to the
operating mode and states of control bits.
Figure 3.1
Memory Map in Each Operating Mode
Reserved area*
3
Reserved area*
3
Reserved area*
3
Reserved area*
3
Reserved area*
3
Reserved area*
3
Reserved area*
3
On-chip RAM
External address space
(CS area)
Reserved area*
3
External address space
On-chip RAM
On-chip ROM (program ROM)
(read only)*
2
On-chip ROM
(data flash memory)
Reserved area*
3
External address space
(CS area)
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*
1
On-chip RAM
On-chip ROM (program ROM)
(read only)*
2
0010 0000h
0011 0000h
On-chip ROM
(data flash memory)
0100 0000h
ECC-RAM
FFC0 0000h
On-chip ROM (user boot)
(read only)
0000 0000h
0008 0000h
On-chip ROM enabled
extended mode
0010 0000h
0100 0000h
0800 0000h
0000 0000h
0008 0000h
FFFF FFFFh
On-chip ROM disabled
extended mode
0010 0000h
0100 0000h
0800 0000h
FF00 0000h
00FF 8000h
00FF 8000h
FF7F 8000h
FF80 0000h
On-chip ROM (user boot)
(read only)
1000 0000h
External address space
(SDRAM area)
External address space
(SDRAM area)
1000 0000h
ECC-RAM
0011 0000h
FFFF FFFFh
FFC0 0000h
FF7F 8000h
FF80 0000h
ECC-RAM
00FF 8000h
FF00 0000h
On-chip ROM (FCU firmware)
(read only)*
4
FEFF F000h
On-chip ROM (option-setting memory)
0012 0040h
Reserved area*
3
0012 0070h
On-chip ROM (write only)*
2
007E 0000h
Reserved area*
3
FCU-RAM area*
4
Reserved area*
3
Peripheral I/O register
007F 0000h
007F 8000h
007F 9000h
007F E000h
0080 0000h
Reserved area*
3
Reserved area*
3
On-chip ROM (option-setting memory)
0012 0040h
Reserved area*
3
0012 0070h
On-chip ROM (write only)*
2
007E 0000h
Reserved area*
3
FCU-RAM area*
4
Reserved area*
3
Peripheral I/O register
007F 0000h
007F 8000h
007F 9000h
007F E000h
0080 0000h
Reserved area*
3
FF00 0000h
On-chip ROM (FCU firmware)
(read only)*
4
FEFF F000h
Peripheral I/O registers
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
Peripheral I/O registers
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
Peripheral I/O registers
Standby RAM
000A 4000h
Peripheral I/O registers
000A 6000h
Note 1. The address space in boot mode and user boot mode/USB boot mode is the same as the address space in single-chip
mode.
Note 2. The capacity of ROM/RAM differs depending on the products.
Note 3. Reserved areas should not be accessed.
Note 4. The FCU-RAM and the on-chip ROM (FCU firmware) are reserved in products that do not include the FCU-RAM. For
details on the FCU, see section 63, Flash Memory, in the RX64M Group User’s Manual: Hardware.
Code
Flash
Memory
Capacity
Address
Data
Flash
Memory
Capacity
Address
RAM
Capacity
Address
4 Mbytes
FFC0 0000h to FFFF FFFFh
64 Kbytes
0010 0000h to 0010 FFFFh
512
Kbytes
0000 0000h to 0007 FFFFh
3 Mbytes
FFD0 0000h to FFFF FFFFh
2.5 Mbytes
FFD8 0000h to FFFF FFFFh
2 Mbytes
FFE0 0000h to FFFF FFFFh
*2
*2
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com