전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFB 데이터시트(PDF) 16 Page - Renesas Technology Corp

부품명 R5F564MJCDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFB 데이터시트(HTML) 16 Page - Renesas Technology Corp

Back Button R5F564MJCDFB Datasheet HTML 12Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 13Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 14Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 15Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 16Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 17Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 18Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 19Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 16 of 228
Oct 24, 2016
Figure 1.1
How to Read the Product Part Number
R5
F
5
6
4
M
L
C
D
F
C
Package type, number of pins, and pin pitch
FC: LFQFP/176/0.50
BG: LFBGA/176/0.80
LC: TFLGA/177/0.50
FB: LFQFP/144/0.50
LK: TFLGA/145/0.50
FP: LFQFP/100/0.50
LJ: TFLGA/100/0.65
D: Operating peripheral temperature: –40 to +85°C
G: Operating peripheral temperature: –40 to +105°C
(in planning)
D: Encryption module not included, SDHI module included
H: Encryption module included, SDHI module included
C: Encryption module not included, SDHI module not
included
G: Encryption module included, SDHI module not included
Code flash memory, RAM, and data flash memory capacity
L: 4 Mbytes/512 Kbytes/64 Kbytes
J: 3 Mbyte/512 Kbytes/64 Kbytes
G: 2.5 Mbytes/512 Kbytes/64 Kbytes
F: 2 Mbytes/512 Kbytes/64 Kbytes
Group name
4M: RX64M Group
Series name
RX600 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com