전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFB 데이터시트(PDF) 87 Page - Renesas Technology Corp

부품명 R5F564MJCDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFB 데이터시트(HTML) 87 Page - Renesas Technology Corp

Back Button R5F564MJCDFB Datasheet HTML 83Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 84Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 85Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 86Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 87Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 88Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 87 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 8203h
TMR1
Timer Control/Status Register
TCSR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8204h
TMR0
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8204h
TMR01
Time Constant Register A
TCORA
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8205h
TMR1
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8206h
TMR0
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8206h
TMR01
Time Constant Register B
TCORB
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8207h
TMR1
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8208h
TMR0
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8208h
TMR01
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8209h
TMR1
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Ah
TMR0
Timer Counter Control Register
TCCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Ah
TMR01
Timer Counter Control Register
TCCR
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 820Bh
TMR1
Timer Counter Control Register
TCCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Ch
TMR0
Timer Counter Start Register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Dh
TMR1
Timer Counter Start Register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8210h
TMR2
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8211h
TMR3
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8212h
TMR2
Timer Control/Status Register
TCSR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8213h
TMR3
Timer Control/Status Register
TCSR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8214h
TMR2
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8214h
TMR23
Time Constant Register A
TCORA
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8215h
TMR3
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8216h
TMR2
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8216h
TMR23
Time Constant Register B
TCORB
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8217h
TMR3
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8218h
TMR2
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8218h
TMR23
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8219h
TMR3
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 821Ah
TMR2
Timer Counter Control Register
TCCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 821Ah
TMR23
Timer Counter Control Register
TCCR
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 821Bh
TMR3
Timer Counter Control Register
TCCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 821Ch
TMR2
Timer Counter Start Register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 821Dh
TMR3
Timer Counter Start Register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8280h
CRC
CRC Control Register
CRCCR
8
8
2, 3 PCLKB
2 ICLK
CRC
0008 8281h
CRC
CRC Data Input Register
CRCDIR
8
8
2, 3 PCLKB
2 ICLK
CRC
0008 8282h
CRC
CRC Data Output Register
CRCDOR
16
16
2, 3 PCLKB
2 ICLK
CRC
0008 8300h
RIIC0
I2C-Bus Control Register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8301h
RIIC0
I2C-Bus Control Register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8302h
RIIC0
I2C-Bus Mode Register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8303h
RIIC0
I2C-Bus Mode Register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8304h
RIIC0
I2C-Bus Mode Register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8305h
RIIC0
I2C-Bus Function Enable Register
ICFER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8306h
RIIC0
I2C-Bus Status Enable Register
ICSER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8307h
RIIC0
I2C-Bus Interrupt Enable Register
ICIER
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8308h
RIIC0
I2C-Bus Status Register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 8309h
RIIC0
I2C-Bus Status Register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 830Ah
RIIC0
Slave Address Register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 830Bh
RIIC0
Slave Address Register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 830Ch
RIIC0
Slave Address Register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
RIICa
0008 830Dh
RIIC0
Slave Address Register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
RIICa
Table 4.1
List of I/O Registers (Address Order) (16 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com