전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDFB 데이터시트(PDF) 19 Page - Renesas Technology Corp

부품명 R5F564MJCDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDFB 데이터시트(HTML) 19 Page - Renesas Technology Corp

Back Button R5F564MJCDFB Datasheet HTML 15Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 16Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 17Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 18Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 19Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 20Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 21Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 22Page - Renesas Technology Corp R5F564MJCDFB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 19 of 228
Oct 24, 2016
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in 1-write strobe mode
WR0# to WR3#
Output
Strobe signals which indicate that either group of data bus pins
(D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in
writing to the external bus interface space, in byte strobe mode
BC0# to BC3#
Output
Strobe signals which indicate that either group of data bus pins
(D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in
access to the external bus interface space, in 1-write strobe
mode
ALE
Output
Address latch signal when address/data multiplexed bus is
selected
WAIT#
Input
Input pin for wait request signals in access to the external space
CS0# to CS7#
Output
Select signals for CS areas
CKE
Output
SDRAM clock enable signal
SDCS#
Output
SDRAM chip select signal
RAS#
Output
SDRAM row address strobe signal
CAS#
Output
SDRAM column address strove signal
WE#
Output
SDRAM write enable pin
DQM0 to DQM3
Output
SDRAM I/O data mask enable signals
EXDMA controller
EDREQ0, EDREQ1
Input
External DMA transfer request pins
EDACK0, EDACK1
Output
Single address transfer acknowledge signals
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ15
Input
Maskable interrupt request pins
Multi-function timer pulse
unit 3
MTIOC0A, MTIOC0B
MTIOC0C, MTIOC0D
I/O
The TGRA0 to TGRD0 input capture input/output compare
output/PWM output pins
MTIOC1A, MTIOC1B
I/O
The TGRA1 and TGRB1 input capture input/output compare
output/PWM output pins
MTIOC2A, MTIOC2B
I/O
The TGRA2 and TGRB2 input capture input/output compare
output/PWM output pins
MTIOC3A, MTIOC3B
MTIOC3C, MTIOC3D
I/O
The TGRA3 to TGRD3 input capture input/output compare
output/PWM output pins
MTIOC4A, MTIOC4B
MTIOC4C, MTIOC4D
I/O
The TGRA4 to TGRD4 input capture input/output compare
output/PWM output pins
MTIC5U, MTIC5V
MTIC5W
Input
The TGRU5, TGRV5, and TGRW5 input capture input/dead
time compensation input pins
MTIOC6A, MTIOC6B
MTIOC6C, MTIOC6D
I/O
The TGRA6 to TGRD6 input capture input/output compare
output/PWM output pins
MTIOC7A, MTIOC7B
MTIOC7C, MTIOC7D
I/O
The TGRA7 to TGRD7 input capture input/output compare
output/PWM output pins
MTIOC8A, MTIOC8B
MTIOC8C, MTIOC8D
I/O
The TGRA8 to TGRD8 input capture input/output compare
output/PWM output pins
MTCLKA, MTCLKB
MTCLKC, MTCLKD
Input
Input pins for external clock signals or for phase counting mode
clock signals
Port output enable 3
POE0#, POE4#, POE8#,
POE10#, POE11#
Input
Input pins for request signals to place the MTU or GPT in the
high impedance state
Table 1.4
Pin Functions (2/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com