| 전자부품 데이터시트 검색엔진 |
|
R5F564MJCDFB 데이터시트(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MJCDFB 데이터시트(HTML) 1 Page - Renesas Technology Corp |
|
1 / 228 page ![]() RX64M Group Renesas MCUs Datasheet R01DS0173EJ0110 Rev.1.10 Page 1 of 228 Oct 24, 2016 Features ■ 32-bit RXv2 CPU core Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz Single precision 32-bit IEEE-754 floating point Two types of multiply-and-accumulation unit (between memories and between registers) 32-bit multiplier (fastest instruction execution takes one CPU clock cycle) Divider (fastest instruction execution takes two CPU clock cycles) Fast interrupt CISC Harvard architecture with 5-stage pipeline Variable-length instructions: Ultra-compact code Supports the memory protection unit (MPU) JTAG and FINE (one-line) debugging interfaces ■ Low-power design and architecture Operation from a single 2.7- to 3.6-V supply Low power consumption: A product that supports all peripheral functions draws only 0.3mA/MHz (Typ.). RTC is capable of operation from a dedicated power supply. Four low-power modes ■ On-chip code flash memory, no wait states Supports versions with up to 4 Mbytes of ROM 120-MHz operation, 8.3-ns read cycle (no wait states) User code is programmable by on-board or off-board programming. Programming/erasing as background operations (BGOs) ■ On-chip data flash memory 64 Kbytes, reprogrammable up to 100,000 times Programming/erasing as background operations (BGOs) ■ On-chip SRAM 512 Kbytes of SRAM (no wait states) 32 Kbytes of RAM with ECC (one wait state, single-error correction and double error detection) 8 Kbytes of standby RAM (backup on deep software standby) ■ Data transfer DMAC: 8 channels DTC EXDMAC: 2 channels DMAC for the Ethernet controller: 3 channels for 176- and 177-pin products; 2 channels for 100-, 144-, and 145-pin products ■ Reset and supply management Power-on reset (POR) Low voltage detection (LVD) with voltage settings ■ Clock functions External crystal resonator or internal PLL for operation at 8 to 24 MHz Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20 MHz 120-kHz clock for the IWDTa ■ Real-time clock Adjustment functions (30 seconds, leap year, and error) Real-time clock counting and binary counting modes are selectable Time capture function (for capturing times in response to event-signal input) ■ Independent watchdog timer 120-kHz (1/2 LOCO frequency) clock operation ■ Useful functions for IEC60730 compliance Oscillation-stoppage detection, frequency measurement, CRC, IWDTa, self-diagnostic function for the A/D converter, etc. Register write protection function can protect values in important registers against overwriting. ■ Various communications interfaces IEEE 1588-compliant Ethernet MAC (for 176- and 177-pin products: 2 modules) PHY layer for host/function or OTG controller (1) with full-speed USB 2.0 with battery charging transfer (only for 176- and 177-pin products) PHY layer (1) for host/function or OTG controller (1) with full- speed USB 2.0 transfer CAN (compliant with ISO11898-1), incorporating 32 mailboxes (up to 3 modules) SCIg and SCIh with multiple functionalities (up to 9) Choose from among asynchronous mode, clock-synchronous mode, smart-card interface mode, simplified SPI, simplified I2C, and extended serial mode. SCIFA with 16-byte transmission and reception FIFOs (up to 4 interfaces) I2C bus interface for transfer at up to 1 Mbps (up to 2 interfaces) Four-wire QSPI (1 interface) in addition to RSPIa (1 interface) Parallel data capture unit (PDC) for the CMOS camera interface (not in 100-pin products) SD host interface (optional: 1 interface) with a 1- or 4-bit SD bus for use with SD memory or SDIO ■ External address space Buses for full-speed data transfer (max. operating frequency of 60 MHz) 8 CS areas 8-, 16-, or 32-bit bus space is selectable per area Independent SDRAM area (128 Mbytes) ■ Up to 29 extended-function timers 16-bit TPUa, MTU3a, and GPTA: input capture, output compare, PWM waveform output 8-bit TMRa (4 channels), 16-bit CMT (4 channels), 32-bit CMTW (2 channels) ■ 12-bit A/D converter Two 12-bit units (8 channels for unit 0; 21 channels for unit 1) Self diagnosis Detection of analog input disconnection ■ 12-bit D/A converter: 2 channels On-chip operational amplifier output or direct input selectable ■ Temperature sensor for measuring temperature within the chip ■ Encryption (optional) AES (key lengths: 128, 192, and 256 bits) DES (key lengths: 56 bits (DES); 3 × 56 bits (T-DES)) SHA (SHA-1 (128), SHA-2 (224 or 256), HMAC (160, 224, or 256)) ■ Up to 127 pins for general I/O ports 5-V tolerance, open drain, input pull-up, switchable driving ability ■ Operating temp. range –40C to +85C PLQP0176KB-A 24 × 24 mm, 0.5-mm pitch PLQP0144KA-A 20 × 20 mm, 0.5-mm pitch PLQP0100KB-A 14 × 14 mm, 0.5-mm pitch PTLG0177KA-A 8 × 8 mm, 0.5-mm pitch PTLG0145KA-A 7 × 7 mm, 0.5-mm pitch PTLG0100JA-A 7 × 7 mm, 0.65-mm pitch PLBG0176GA-A 13 × 13mm, 0.8-mm pitch 120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory, 512-KB SRAM, various communications interfaces including IEEE 1588-compliant Ethernet MAC, full-speed USB 2.0 with battery charging, SD host interface (optional), quad SPI, and CAN, 12-bit A/D converter, RTC, encryption (optional), serial interface for audio, CMOS camera interface R01DS0173EJ0110 Rev.1.10 Oct 24, 2016 Features |
유사한 부품 번호 - R5F564MJCDFB |
|
유사한 설명 - R5F564MJCDFB |