전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68HC908AP16CFB 데이터시트(PDF) 31 Page - Motorola, Inc

부품명 MC68HC908AP16CFB
상세설명  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB 데이터시트(HTML) 31 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 28Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 29Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 30Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 31Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 32Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 33Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 34Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 440 page
background image
General Description
Pin Functions
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
31
PTB0/SDA
PTB1/SCL
PTB2/TxD
PTB3/RxD
PTB4/T1CH0
PTB5/T1CH1
PTB6/T2CH0
PTB7/T2CH1
8-bit general purpose I/O port; PTB0–PTB3 are open drain
when configured as output. PTB4–PTB7 have schmitt
trigger inputs.
In/Out
VDD
PTB0 as SDA of MMIIC.
In/Out
VDD
PTB1 as SCL of MMIIC.
In/Out
VDD
PTB2 as TxD of SCI; open drain output.
Out
VDD
PTB3 as RxD of SCI.
In
VDD
PTB4 as T1CH0 of TIM1.
In/Out
VDD
PTB5 as T1CH1 of TIM1.
In/Out
VDD
PTB6 as T2CH0 of TIM2.
In/Out
VDD
PTB7 as T2CH1 of TIM2.
In/Out
VDD
PTC0/IRQ2
PTC1
PTC2/MISO
PTC3/MOSI
PTC4/SS
PTC5/SPSCK
PTC6/SCTxD
PTC7/SCRxD
8-bit general purpose I/O port; PTC6 and PTC7 are open
drain when configured as output.
In/Out
VDD
PTC0 is shared with IRQ2 and has schmitt trigger input.
In
VDD
PTC2 as MISO of SPI.
In
VDD
PTC3 as MOSI of SPI.
Out
VDD
PTC4 as SS of SPI.
In
VDD
PTC5 as SPSCK of SPI.
In/Out
VDD
PTC6 as SCTxD of IRSCI; open drain output.
Out
VDD
PTC7 as SCRxD of IRSCI.
In
VDD
PTD0/KBI0
:
PTD7/KBI7
8-bit general purpose I/O port with schmitt trigger inputs.
In/Out
VDD
Pins as keyboard interrupts (with pullup), KBI0–KBI7.
In
VDD
Notes:
1. See Section 24. Electrical Specifications for VREG tolerance.
Table 1-2. Pin Functions
PIN NAME
PIN DESCRIPTION
IN/OUT
VOLTAGE
LEVEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More