| 전자부품 데이터시트 검색엔진 |
|
MC68HC908AP16CFB 데이터시트(PDF) 32 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB 데이터시트(HTML) 32 Page - Motorola, Inc |
|
32 / 440 page ![]() General Description Data Sheet MC68HC908AP Family — Rev. 2.5 32 MOTOROLA 1.6 Power Supply Bypassing (VDD, VDDA, VSS, VSSA) VDD and VSS are the power supply and ground pins, the MCU operates from a single power supply together with an on chip voltage regulator. Fast signal transitions on MCU pins place high. short-duration current demands on the power supply. To prevent noise problems, take special care to provide power supply bypassing at the MCU as Figure 1-5 shows. Place the bypass capacitors as close to the MCU power pins as possible. Use high-frequency-response ceramic capacitor for CBYPASS, CBULK are optional bulk current bypass capacitors for use in applications that require the port pins to source high current level. VDDA and VSSA are the power supply and ground pins for the analog circuits of the MCU. These pins should be decoupled as per the digital power supply pins. Figure 1-5. Power Supply Bypassing MCU VDD C2(a) C1(a) 0.1 µF VSS VDD + NOTE: Component values shown represent typical applications. VDD C2(b) C1(b) 0.1 µF VSSA VDDA + Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |