| 전자부품 데이터시트 검색엔진 |
|
MC68HC908AP16CFB 데이터시트(PDF) 65 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB 데이터시트(HTML) 65 Page - Motorola, Inc |
|
65 / 440 page ![]() MC68HC908AP Family — Rev. 2.5 Data Sheet MOTOROLA 65 Data Sheet – MC68HC908AP Family Section 5. Configuration & Mask Option Registers (CONFIG & MOR) 5.1 Introduction This section describes the configuration registers, CONFIG1 and CONFIG2; and the mask option register, MOR. The configuration registers enable or disable these options: • Computer operating properly module (COP) • COP timeout period (218 – 24 or 213 – 24 ICLK cycles) • Low-voltage inhibit (LVI) on VDD • LVI on VREG • LVI module reset • LVI module in stop mode • STOP instruction • Stop mode recovery time (32 ICLK or 4096 ICLK cycles) • Oscillator (internal, RC, and crystal) during stop mode • Serial communications interface clock source (CGMXCLK or fBUS) The mask option register selects one of the following oscillator options: • Internal oscillator • RC oscillator • Crystal oscillator Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |