전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 4 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 4 Page - Lite-On Technology Corporation

  LTLA2V3EX3K Datasheet HTML 1Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
3. Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
100
mA
DC Forward Current
50
mA
Derating Linear From 4℃
0.93
mA/℃
Reverse Voltage
5
V
Junction Temperature
125°C
Operating Temperature Range
-40°C to + 100°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
7200
12000
mcd
IF = 20mA
Note 1,5
Viewing Angle
2θ1/2
30
deg
Note 2,7 (Fig.6)
Peak Emission Wavelength
λP
631
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
619
626.5
nm
Note 4
Spectral Line Half-Width
Δλ
17
nm
Forward Voltage
VF
1.8
2.1
2.4
V
IF = 20mA
Reverse Current
IR
10
μA
VR = 5V
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
5. Iv guarantee must be included with ±15% testing tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.
7. View angle measurement is ±2 degree tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com