전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 7 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
7 Bin Table Specifications
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
X
7200
9300
Y
9300
12000
Note: Tolerance of each bin limit is ±15%
Forward Voltage Vf Unit : V @20mA
Bin Code
Min
Max
1A
1.8
2.0
2A
2.0
2.2
3A
2.2
2.4
Note: Tolerance of each bin limit is ±0.1V
Dominant Wavelength Unit : nm @20mA
Bin Code
Min
Max
R1
619
621.5
R2
621.5
624
R3
624
626.5
Note: Tolerance of each bin limit is ±1nm



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com