전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 10 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
Others
8.7.5.1. Audit result reported to entity ESD control coordinator?
8.7.5.2. Corrective action from previous audits completed?
8.7.5.3. Are audit records complete and on file?
9. Reliability Test
Item
Test Description
Test Conditions
#Lots
#Tested
#Failed
1
Parameters at RT
Electric Test @ 25C
1
132
0
2
Pre-conditioning
260°C/5S x2
1
132
0
3
Temperature Cycling
100°C~ 25°C~ -40°C~ 25°C
30 min~5 min~30 min~5 min,500x
1
22
0
4
Temperature Shock
105°C ~ -40°C ± 5°C
30 min ~ 30 min 500x
1
22
0
5
High Temperature Forward Bias
85C/IF=40mA, 1000h
1
22
0
6
High Temperature High Humidity
Bias
85C,85% RH,IF=12mA,1000h
1
22
0
7
High Temperature Storage
100C±5C,1000h
1
22
0
8
Low Temperature Storage
-40C±5C, 1000hrs
1
22
0
10. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com