전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 9 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
8.6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an
application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as
shown in Circuit A below.
Circuit model (A)
Circuit model (B)
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs.
8.7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
 Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
 All devices, equipment, and machinery must be properly grounded
 Work tables, storage racks, etc. should be properly grounded
 Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic
lens as a result of friction between LEDs during storage and handing
Suggested checking list:
Training and Certification
8.7.1.1. Everyone working in a static-safe area is ESD-certified?
8.7.1.2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
8.7.2.1. Static-safe workstation or work-areas have ESD signs?
8.7.2.2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
8.7.2.3. All ionizer activated, positioned towards the units?
8.7.2.4. Each work surface mats grounding is good?
Personnel Grounding
8.7.3.1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes
with conductive flooring?
8.7.3.1. If conductive footwear used, conductive flooring also present where operator stand or walk?
8.7.3.2. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
8.7.3.3. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
8.7.3.4. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
8.7.4.1. Every ESDS items identified by EIA-471 labels on item or packaging?
8.7.4.2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
8.7.4.3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
8.7.4.4. All flexible conductive and dissipative package materials inspected before reuse or recycle?



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com