전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 8 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
8. CAUTIONS
8.1. Application
This LED lamp is good for application of indoor and outdoor sign, also ordinary electronic equipment.
8.2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity. It is recommended that
LEDs out of their original packaging are used within three months. For extended storage out of their original packaging, it is
recommended that the LEDs be stored in a sealed container with appropriate desiccant or in desiccators with nitrogen
ambient.
8.3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
8.4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use the base of the
lead frame as a fulcrum during forming. Lead forming must be done before soldering, at normal temperature. During assembly
on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
8.5. Soldering
When soldering, leave a minimum of 3mm clearance from the base of the lens to the soldering point. Dipping the lens into the
solder must be avoided. Do not apply any external stress to the lead frame during soldering while the LED is at high
temperature.
Recommended soldering conditions:
Soldering iron
Wave soldering
Temperature
Soldering time
Position
350°C Max.
3 seconds Max.
(one time only)
No closer than 2mm
from the base of the epoxy bulb
Pre-heat
Pre-heat time
Solder wave
Soldering time
Dipping Position
100°C Max.
60 seconds Max.
260°C Max.
5 seconds Max.
No lower than 2mm from the
base of the epoxy bulb
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
Wave soldering profile (under PCB); turning off top heater in preheating stage is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com