전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTLA2V3EX3K 데이터시트(PDF) 3 Page - Lite-On Technology Corporation

부품명 LTLA2V3EX3K
상세설명  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTLA2V3EX3K 데이터시트(HTML) 3 Page - Lite-On Technology Corporation

  LTLA2V3EX3K Datasheet HTML 1Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 2Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 3Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 4Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 5Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 6Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 7Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 8Page - Lite-On Technology Corporation LTLA2V3EX3K Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2/9
Part No. : LTLA2V3EX3K
BNS-OD-FC002/A4
Through Hole Lamp
LTLA2V3EX3K
1. Description
5mm round lamp is a popular design with a smooth uniform view angle radiation pattern suitable in Full color signboard, Billboard
sign, Message sign and bus sign. High luminous intensity output has a higher emitting efficiency to save power energy. Advanced
epoxy technology has a good moisture resistance and UV protection to be used in package, and it can reduce the effect of long term
exposure in outdoor environment.
1. 1. Features
High Luminous intensity output.
Low power consumption & High efficiency.
Superior resistance to moisture
Good UV inhibitor
Lead free & RoHS Compliant
Popular T-1 3/4diameter, Red AlInGaP 624nm Lamp,
Water clear package.
Viewing angle 30°.
1.2. Applications
Motorcycle lighting
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 0.8mm (.032") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com