전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46721 데이터시트(PDF) 4 Page - Dialog Semiconductor

부품명 SLG46721
상세설명  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 데이터시트(HTML) 4 Page - Dialog Semiconductor

  SLG46721 Datasheet HTML 1Page - Dialog Semiconductor SLG46721 Datasheet HTML 2Page - Dialog Semiconductor SLG46721 Datasheet HTML 3Page - Dialog Semiconductor SLG46721 Datasheet HTML 4Page - Dialog Semiconductor SLG46721 Datasheet HTML 5Page - Dialog Semiconductor SLG46721 Datasheet HTML 6Page - Dialog Semiconductor SLG46721 Datasheet HTML 7Page - Dialog Semiconductor SLG46721 Datasheet HTML 8Page - Dialog Semiconductor SLG46721 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
000-0046721-114
Page 3 of 100
SLG46721
3.0 User Programmability
The SLG46721 is a user programmable device with One-Time-Programmable (OTP) memory elements that are able to construct
combinatorial logic elements. Three of the I/O Pins provide a connection for the bit patterns into the OTP on board memory. A
programming development kit allows the user the ability to create initial devices. Once the design is finalized, the programming
code (.gpx file) is forwarded to Silego to integrate into a production process.
Figure 1. Steps to create a custom Silego GreenPAK device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More