전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46721 데이터시트(PDF) 10 Page - Dialog Semiconductor

부품명 SLG46721
상세설명  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 데이터시트(HTML) 10 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 6Page - Dialog Semiconductor SLG46721 Datasheet HTML 7Page - Dialog Semiconductor SLG46721 Datasheet HTML 8Page - Dialog Semiconductor SLG46721 Datasheet HTML 9Page - Dialog Semiconductor SLG46721 Datasheet HTML 10Page - Dialog Semiconductor SLG46721 Datasheet HTML 11Page - Dialog Semiconductor SLG46721 Datasheet HTML 12Page - Dialog Semiconductor SLG46721 Datasheet HTML 13Page - Dialog Semiconductor SLG46721 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
000-0046721-114
Page 9 of 100
SLG46721
5.4 Electrical Characteristics (5 V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5.0
5.5
V
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VAIR
Analog Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
Logic Input
2.640
--
--
V
Logic Input with Schmitt Trigger
3.160
--
--
V
Low-Level Logic Input
1.230
--
--
V
VIL
LOW-Level Input Voltage
Logic Input
--
--
1.840
V
Logic Input with Schmitt Trigger
--
--
1.510
V
Low-Level Logic Input
--
--
0.780
V
IIH
HIGH-Level Input Current
Logic Input Pins; VIN = 5 V
-1.0
--
1.0
A
IIL
LOW-Level Input Current
Logic Input Pins; VIN = 0 V
-1.0
--
1.0
A
VOH
HIGH-Level Output Voltage
Push-Pull 1X,Open Drain PMOS 1X,
IOH = 5 mA
4.190
4.780
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 5 mA
4.320
4.890
--
V
VOL
LOW-Level Output Voltage
Push-Pull 1X,
IOL= 5 mA
--
0.157
0.270
V
Push-Pull 2X,
IOL= 5 mA
--
0.076
0.130
V
Open Drain NMOS 1X,
IOL= 5 mA
--
0.102
0.180
V
Open Drain NMOS 2X,
IOL= 5 mA
--
0.051
0.110
V
Open Drain NMOS 4X,
IOL= 5 mA
--
0.035
0.045
V
IOH
HIGH-Level Output Current
(see Note 1)
Push-Pull 1X, Open Drain PMOS 1X,
VOH = 2.4 V
22.080
34.040
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = 2.4 V
41.690
68.080
--
mA
IOL
LOW-Level Output Current
(see Note 1)
Push-Pull 1X,
VOL = 0.4 V
7.215
11.580
--
mA
Push-Pull 2X,
VOL = 0.4 V
13.831
23.160
--
mA
Open Drain NMOS 1X,
VOL = 0.4 V
10.820
17.380
--
mA
Open Drain NMOS 2X,
VOL = 0.4 V
17.343
34.760
--
mA
Open Drain NMOS Super Drive,
VOL = 0.4 V
30.964
69.520
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
45
mA
TJ = 110°C
--
--
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com