전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46721 데이터시트(PDF) 72 Page - Dialog Semiconductor

부품명 SLG46721
상세설명  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 데이터시트(HTML) 72 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 68Page - Dialog Semiconductor SLG46721 Datasheet HTML 69Page - Dialog Semiconductor SLG46721 Datasheet HTML 70Page - Dialog Semiconductor SLG46721 Datasheet HTML 71Page - Dialog Semiconductor SLG46721 Datasheet HTML 72Page - Dialog Semiconductor SLG46721 Datasheet HTML 73Page - Dialog Semiconductor SLG46721 Datasheet HTML 74Page - Dialog Semiconductor SLG46721 Datasheet HTML 75Page - Dialog Semiconductor SLG46721 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
000-0046721-114
Page 71 of 100
SLG46721
15.0 Programmable Delay / Edge Detector
The SLG46721 has a programmable time delay logic cell available that can generate a delay that is selectable from one of four
timings (time1) configured in the GreenPAK Designer. The programmable time delay cell can generate one of four different delay
patterns, rising edge detection, falling edge detection, both edge detection and both edge delay. These four patterns can be further
modified with the addition of delayed edge detection, which adds an extra unit of delay as well as glitch rejection during the delay
period. See the timing diagrams below for further information.
Note
: The input signal must be longer than the delay, otherwise it will be filtered out.
15.1 Programmable Delay Timing Diagram - Edge Detector Output
Figure 32. Programmable Delay
Figure 33. Edge Detector Output
Programmable
Delay
OUT
IN
reg <966:965>
From Connection Matrix Output <74>
To Connection
Matrix Input <44>
reg <968:967>
reg <969>
Delayed Edge Detector Output
Edge Mode Selection
Delay Value Selection
time1
Edge Detector
Output
IN
Rising Edge Detector
Falling Edge Detector
Both Edge Detector
Both Edge Delay
time1
time1 can be set by register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More