전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATPL00B 데이터시트(PDF) 56 Page - ATMEL Corporation

부품명 ATPL00B
상세설명  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B 데이터시트(HTML) 56 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 52Page - ATMEL Corporation ATPL00B Datasheet HTML 53Page - ATMEL Corporation ATPL00B Datasheet HTML 54Page - ATMEL Corporation ATPL00B Datasheet HTML 55Page - ATMEL Corporation ATPL00B Datasheet HTML 56Page - ATMEL Corporation ATPL00B Datasheet HTML 57Page - ATMEL Corporation ATPL00B Datasheet HTML 58Page - ATMEL Corporation ATPL00B Datasheet HTML 59Page - ATMEL Corporation ATPL00B Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
56
When timer 2 is configured as a timer and in baud rate generator mode, do not read or write the TH2 or TL2 registers.
The timer is being incremented every state time, and the results of a read or write may not be accurate. In addition, user
shall read, but not write to, the RCAP2 registers; a write may overlap a reload and cause write and/or reload errors.
Table 5-3 lists commonly used baud rates and shows how they are generated by timer 2.
Table 5-3.
Timer 2 generated baud rates with a 11.0592MHz oscillator
Baud rate
T2PRE
RCAP2H
RCAP2L
230400
0
FF
FF
115200
0
FF
FE
57600
0
FF
FC
38400
0
FF
FA
19200
0
FF
F4
9600
0
FF
E8
4800
0
FF
D0
2400
0
FF
A0
1200
0
FF
40
600
0
FE
80
300
0
FD
0
150
0
FA
0
110
0
F7
D2
5.3
Watchdog (timer 3)
The watchdog timer includes a 18-bit preescaler which is set to 0 when T3 is reloaded.
T3 is active only when /EWDG pin is tied to „0‟.
T3 must be reloaded by software to avoid T3 rollover and program restart.
Reload of T3 is allowed only if WLE watchdog load enable (PCON(4)) is set.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
PCON
SMOD
--
--
WLE
GF1
GF0
PD
IDL
SMOD: Doubles baud rate bit when timer 1 is used as time generator and serial port is in
modes 1,2 or 3
--: Reserved bit
WLE: Watchdog load enable. It must be set by software to enable T3 reload. WLE is reset
by hardware 13 machine cycles after been set by user software.
GF1: General purpose flag bit, user programmable
GF0: General purpose flag bit, user programmable
PD: Sets power down mode
IDL: Sets idle mode
Reload of T3 register automatically resets the preescaler and WLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com