전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATPL00B 데이터시트(PDF) 89 Page - ATMEL Corporation

부품명 ATPL00B
상세설명  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B 데이터시트(HTML) 89 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 85Page - ATMEL Corporation ATPL00B Datasheet HTML 86Page - ATMEL Corporation ATPL00B Datasheet HTML 87Page - ATMEL Corporation ATPL00B Datasheet HTML 88Page - ATMEL Corporation ATPL00B Datasheet HTML 89Page - ATMEL Corporation ATPL00B Datasheet HTML 90Page - ATMEL Corporation ATPL00B Datasheet HTML 91Page - ATMEL Corporation ATPL00B Datasheet HTML 92Page - ATMEL Corporation ATPL00B Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
89
9.2
External Circuits
Some external components are necessary to control the loads connected to the ATPL00B. The external circuitry must
be different depending if the integrated circuit GND pin is connected to power line Neutral or not. Examples of external
circuit configurations are described below:
Figure 9-6.
Phase Control with
“non-isolated” connection
VNR pin is used to detect the power line wave zero crossing. If the chip ground is not connected to the power line (N)
an optocoupler must be used in the detection circuit as shown in Figure 9-7.
Figure 9-7.
Phase Control with ground connection
To connect a mains switch to the integrated circuit, an optocoupled connection is the preferred option (see Figure 9-8).
ATPL00B
SoC
TRIAC
VNR
P
P
GND
P
N
N
P
ATPL00B
SoC
VNR
TRIAC
Vcc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More