전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATPL00B 데이터시트(PDF) 73 Page - ATMEL Corporation

부품명 ATPL00B
상세설명  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B 데이터시트(HTML) 73 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 69Page - ATMEL Corporation ATPL00B Datasheet HTML 70Page - ATMEL Corporation ATPL00B Datasheet HTML 71Page - ATMEL Corporation ATPL00B Datasheet HTML 72Page - ATMEL Corporation ATPL00B Datasheet HTML 73Page - ATMEL Corporation ATPL00B Datasheet HTML 74Page - ATMEL Corporation ATPL00B Datasheet HTML 75Page - ATMEL Corporation ATPL00B Datasheet HTML 76Page - ATMEL Corporation ATPL00B Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
73
In the ATPL00B the microcontroller can force program reloading by writing in CONF Specific Function Register.
Figure 8-2.
Flash connection diagram
8.1
Pin Description
/PROG: After power up, if this signal is tied low the in-system programming mode is enabled, else the system
is in execution mode.
„0‟: In-system programming mode
„1‟: Execution mode
SECURED: This pin enables encrypted firmware execution when the board configuration supports it (see
Encrypted firmware requirements section).
„0‟: Cryptographic Storage disabled
„1‟: Cryptographic Storage enabled
P1.7 (SSN): Input pin used to read a Serial Number if a valid Silicon Serial Number device is being used (see
0)
As shown in Figure 8-1 the boot loader acts as a bus switcher. It takes control over the Standard Serial port 0 (P3[1:0])
and pins of port P5 (P5[3:0]) that are used as Serial Peripheral Interface to connect the serial flash (SPI0). See table
below:
INTERNAL
SRAM
ATPL00B
SPI
FLASH
P5(1)
P5(3)
P5(2)
P5(0)
SI
SCK
P3(1:0)
SO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com