| 전자부품 데이터시트 검색엔진 |
|
DSP56857 데이터시트(PDF) 534 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 데이터시트(HTML) 534 Page - Freescale Semiconductor, Inc |
|
534 / 662 page ![]() Application: Date: Programmer: Sheet C 5685X Digital Signal Controller User Manual, Rev. 4 B-32 Freescale Semiconductor 12 of 24 ITCN Interrupt Priority Register 6 (IPR6) continued Bits Name Description 7 -6 TCMP0 IPL Timer Compare 0 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 5 - 4 TOD IPL Timer Compare 0 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 3 - 2 TOD_ALRM IPL Time of Day Alarm Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 1 - 0 HOST_CMD IPL Host I/F Command Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 Interrupt Priority Register 6 (IPR6) $1FFF20 + $6 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read TOVF1 IPL TCMP1 IPL TINP0 IPL TOVF0 IPL TCMP0 IPL TOD IPL TOD_ALRM IPL HOST_CMD IPL Write Reset 000 0000 0000 0000 0 |