| 전자부품 데이터시트 검색엔진 |
|
DSP56857 데이터시트(PDF) 535 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 데이터시트(HTML) 535 Page - Freescale Semiconductor, Inc |
|
535 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-33 13 of 24 ITCN Interrupt Priority Register 7 (IPR7) Bits Name Description 13 - 12 TINP3 IPL Timer Input Edge 3 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 11 - 10 TOVF3 IPL Timer Overflow 3 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 9 - 8 TCMP3 IPL Timer Compare 3 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 7 - 6 TINP2 IPL Timer Input Edge 2 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 Interrupt Priority Register 7 (IPR7) $1FFF20 + $7 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 TINP3 IPL TOVF3 IPL TCMP3 IPL TINP2 IPL TOVF2 IPL TCMP2 IPL TINP1 IPL Write Reset 000 0000 0000 0000 0 denotes Reserved Bits See the following page for continuation of this register |