| 전자부품 데이터시트 검색엔진 |
|
V62/13624-01XE-R 데이터시트(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
V62/13624-01XE-R 데이터시트(HTML) 14 Page - Texas Instruments |
|
14 / 77 page ![]() 14 MSP430F2132-EP SLAS913A – JULY 2013 – REVISED AUGUST 2013 www.ti.com Product Folder Links: MSP430F2132-EP Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated 4.17 Timer0_A3 Timer0_A3 is a 16-bit timer/counter with three capture/compare registers. Timer0_A3 can support multiple capture/compares, PWM outputs, and interval timing. Timer0_A3 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 12. Timer0_A3 Signal Connections INPUT PIN NUMBER DEVICE INPUT SIGNAL MODULE INPUT NAME MODULE BLOCK MODULE OUTPUT SIGNAL OUTPUT PIN NUMBER PW RHB, RTV PW RHB, RTV 21 - P1.0 21 - P1.0 TACLK TACLK Timer NA ACLK ACLK SMCLK SMCLK 9 - P2.1 7 - P2.1 TAINCLK INCLK 22 - P1.1 22 - P1.1 TA0 CCI0A CCR0 TA0 22 - P1.1 22 - P1.1 10 - P2.2 8 - P2.2 TA0 CCI0B 26 - P1.5 26 - P1.5 DVSS GND 10 - P2.2 8 - P2.2 DVCC VCC ADC10 (internal) ADC10 (internal) 23 - P1.2 23 - P1.2 TA1 CCI1A CCR1 TA1 23 - P1.2 23 - P1.2 CAOUT (internal) CCI1B 27 - P1.6 27 - P1.6 DVSS GND 19 - P2.3 18 - P2.3 DVCC VCC ADC10 (internal) ADC10 (internal) 24 - P1.3 24 - P1.3 TA2 CCI2A CCR2 TA2 24 - P1.3 24 - P1.3 ACLK (internal) CCI2B 28 - P1.7 28 - P1.7 DVSS GND 20 - P2.4 19 - P2.4 DVCC VCC ADC10 (internal) ADC10 (internal) |