전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 1 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 1 Page - ABLIC Inc.

  S-8211CDB-M5T1U Datasheet HTML 1Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 2Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 3Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 4Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 5Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 6Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 7Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 8Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
S-8211C Series
www.ablicinc.com
BATTERY PROTECTION IC
FOR 1-CELL PACK
© ABLIC Inc., 2004-2015
Rev.7.7_03
1
The S-8211C Series is a protection IC for 1-cell lithium-ion / lithium polymer rechargeable battery and includes high-
accuracy voltage detection circuits and delay circuits.
The S-8211C Series is suitable for protecting 1-cell lithium-ion / lithium polymer rechargeable battery packs from
overcharge, overdischarge, and overcurrent.
Features
 High-accuracy voltage detection circuit
Overcharge detection voltage
3.9 V to 4.5 V (5 mV step)
Accuracy
25 mV (Ta = 25°C)
Accuracy
30 mV (Ta = 5°C to 55°C)
Overcharge release voltage
3.8 V to 4.43 V
P
*1
P
Accuracy
50 mV
Overdischarge detection voltage
2.0 V to 3.0 V (10 mV step)
Accuracy
50 mV
Overdischarge release voltage
2.0 V to 3.4 V
P
*2
P
Accuracy
100 mV
Discharge overcurrent detection voltage
0.05 V to 0.30 V (10 mV step)
Accuracy
15 mV
Load short-circuiting detection voltage
0.5 V (fixed)
Accuracy
200 mV
Charge overcurrent detection voltage
0.1 V (fixed)
Accuracy
30 mV
 Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
Accuracy
20%
 High-withstand voltage (VM pin and CO pin: Absolute maximum rating = 28 V)
 0 V battery charge function "available" / "unavailable" is selectable.
 Power-down function "available" / "unavailable" is selectable.
 Wide operation temperature range
Ta =
40°C to 85°C
 Low current consumption
During operation
3.0
A typ., 5.5 A max. (Ta = 25°C)
During power-down
0.2
A max. (Ta = 25°C)
 Lead-free, Sn 100%, halogen-free
P
*3
*1. Overcharge release voltage = Overcharge detection voltage
 Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV step.)
*2. Overdischarge release voltage = Overdischarge detection voltage
 Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV step.)
*3. Refer to " Product Name Structure" for details.
Applications
 Lithium-ion rechargeable battery pack
 Lithium polymer rechargeable battery pack
Packages
 SOT-23-5
 SNT-6A
www.ablic.com


유사한 부품 번호 - S-8211CDB-M5T1U

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-8211C SII-S-8211C Datasheet
404Kb / 41P
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211CAA-I6T1G SII-S-8211CAA-I6T1G Datasheet
404Kb / 41P
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211CAA-M5T1G SII-S-8211CAA-M5T1G Datasheet
404Kb / 41P
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211CAA-M5T1G SII-S-8211CAA-M5T1G Datasheet
2Mb / 43P
BATTERY PROTECTION IC
S-8211CAA-M5T1U SII-S-8211CAA-M5T1U Datasheet
2Mb / 43P
BATTERY PROTECTION IC
More results

유사한 설명 - S-8211CDB-M5T1U

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com