전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 11 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 11 Page - ABLIC Inc.

Back Button S-8211CDB-M5T1U Datasheet HTML 7Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 8Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 9Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 10Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 11Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 12Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 13Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 14Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
11
2. Except detection delay time (Ta =
40°C to 85°C
P
*1
P
)
Table 10
(Ta =
40°C to 85°C
P
*1
P
unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
3.90 V to 4.50 V, adjustable
VCU
 0.060
VCU
VCU
 0.040
V
1
1
Overcharge release voltage
VCL
3.80 V to 4.43 V,
adjustable
VCL  VCU
VCL
 0.08
VCL
VCL
 0.065
V
1
1
VCL = VCU
VCL
 0.06
VCL
VCL
 0.04
V
1
1
Overdischarge detection voltage
VDL
2.00 V to 3.00 V, adjustable
VDL
 0.11
VDL
VDL
 0.13
V
2
2
Overdischarge release voltage
VDU
2.00 V to 3.40 V,
adjustable
VDU  VDL
VDU
 0.15
VDU
VDU
 0.19
V
2
2
VDU = VDL
VDU
 0.11
VDU
VDU
 0.13
V
2
2
Discharge overcurrent detection voltage
VDIOV
0.05 V to 0.30 V, adjustable
VDIOV
 0.021
VDIOV
VDIOV
 0.024
V
3
2
Load short-circuiting detection voltage
P
*2
VSHORT
0.16
0.50
0.84
V
3
2
Charge overcurrent detection voltage
VCIOV
0.14
 0.1
0.06
V
4
2
0 V Battery Charge Function
0 V battery charge starting charger voltage
V0CHA
0 V battery charge function
"available"
1.7
V
11
2
0 V battery charge inhibition battery voltage
V0INH
0 V battery charge function
"unavailable"
0.3
V
12
2
Internal Resistance
Resistance between VM pin and VDD pin
RVMD
VDD = 1.8 V, VVM = 0 V
78
300
1310
k
6
3
Resistance between VM pin and VSS pin
RVMS
VDD = 3.5 V, VVM = 1.0 V
7.2
20
44
k
6
3
Input Voltage
Operation voltage between VDD pin
and VSS pin
VDSOP1
1.5
8
V
Operation voltage between VDD pin
and VM pin
VDSOP2
1.5
28
V
Input Current (With Power-down Function)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
0.7
3.0
6.0
A
5
2
Current consumption during power-down
IPDN
VDD = VVM = 1.5 V
0.3
A
5
2
Input Current (Without Power-down Function)
Current consumption during operation
IOPE
VDD = 3.5 V, VVM = 0 V
0.7
3.0
6.0
A
5
2
Current consumption during overdischarge
IOPED
VDD = VVM = 1.5 V
0.2
2.0
3.8
A
5
2
Output Resistance
CO pin resistance "H"
RCOH
VCO = 3.0 V, VDD = 3.5 V, VVM = 0 V
1.2
5
15
k
7
4
CO pin resistance "L"
RCOL
VCO = 0.5 V, VDD = 4.5 V, VVM = 0 V
1.2
5
15
k
7
4
DO pin resistance "H"
RDOH
VDO = 3.0 V, VDD = 3.5 V, VVM = 0 V
1.2
5
15
k
8
4
DO pin resistance "L"
RDOL
VDO = 0.5 V, VDD = VVM = 1.8 V
1.2
5
15
k
8
4
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*2. In any conditions, load short-circuiting detection voltage (VSHORT) is higher than discharge overcurrent detection voltage
(VDIOV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com