전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 23 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 23 Page - ABLIC Inc.

Back Button S-8211CDB-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 23Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 24Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 25Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 26Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 27Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
23
5. Charge overcurrent status
When a battery in the normal status is in the status where the VM pin voltage is lower than the charge overcurrent
detection voltage (VCIOV) because the charge current is higher than the specified value and the status lasts for the
charge overcurrent detection delay time (tCIOV), the charge control FET is turned off and charging is stopped. This
status is called the charge overcurrent status.
The S-8211C Series will be restored to the normal status from the charge overcurrent status when the VM pin voltage
returns to charge overcurrent detection voltage (VCIOV) or higher by removing the charger.
The charge overcurrent detection function does not work in the overdischarge status.
The resistance (RVMD) between the VM pin and VDD pin, and the resistance (RVMS) between the VM pin and VSS pin
are not connected in the charge overcurrent status.
6. 0 V Battery charge function "available"
This function is used to recharge a connected battery whose voltage is 0 V due to self-discharge. When the 0 V
battery charge starting charger voltage (V0CHA) or a higher voltage is applied between the EB and EB pins by
connecting a charger, the charging control FET gate is fixed to the VDD pin voltage.
When the voltage between the gate and source of the charging control FET becomes equal to or higher than the turn-
on voltage due to the charger voltage, the charging control FET is turned on to start charging. At this time, the
discharging control FET is off and the charging current flows through the internal parasitic diode in the discharging
control FET. When the battery voltage becomes equal to or higher than overdischarge release voltage (VDU), the
S-8211C Series enters the normal status.
Caution 1. Some battery providers do not recommend charging for a completely self-discharged battery.
Please ask the battery provider to determine whether to enable or inhibit the 0 V battery charge
function.
2. The 0 V battery charge function has higher priority than the charge overcurrent detection
function. Consequently, a product in which use of the 0 V battery charge function is enabled
charges a battery forcibly and the charge overcurrent cannot be detected when the battery
voltage is lower than overdischarge detection voltage (VDL).
7. 0 V Battery charge function "unavailable"
This function inhibits recharging when a battery that is internally short-circuited (0 V battery) is connected. When the
battery voltage is the 0 V battery charge inhibition battery voltage (V0INH) or lower, the charging control FET gate is
fixed to the EB
 pin voltage to inhibit charging. When the battery voltage is the 0 V battery charge inhibition battery
voltage (V0INH) or higher, charging can be performed.
Caution Some battery providers do not recommend charging for a completely self-discharged battery.
Please ask the battery provider to determine whether to enable or inhibit the 0 V battery charge
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com