전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 17 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 17 Page - ABLIC Inc.

Back Button S-8211CDB-M5T1U Datasheet HTML 13Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 14Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 15Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 16Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 17Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
17
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to
VVM and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test condition 1, test circuit 1)
Overcharge detection voltage (VCU) is defined as the voltage between the VDD pin and VSS pin at which VCO goes
from "H" to "L" when the voltage V1 is gradually increased from the starting condition of V1 = 3.5 V. Overcharge
release voltage (VCL) is defined as the voltage between the VDD pin and VSS pin at which VCO goes from "L" to "H"
when the voltage V1 is then gradually decreased. Overcharge hysteresis voltage (VHC) is defined as the difference
between overcharge detection voltage (VCU) and overcharge release voltage (VCL).
2. Overdischarge detection voltage, overdischarge release voltage
(Test condition 2, test circuit 2)
Overdischarge detection voltage (VDL) is defined as the voltage between the VDD pin and VSS pin at which VDO goes
from "H" to "L" when the voltage V1 is gradually decreased from the starting condition of V1 = 3.5 V, V2 = 0 V.
Overdischarge release voltage (VDU) is defined as the voltage between the VDD pin and VSS pin at which VDO goes
from "L" to "H" when the voltage V1 is then gradually increased. Overdischarge hysteresis voltage (VHD) is defined as
the difference between overdischarge release voltage (VDU) and overdischarge detection voltage (VDL).
3. Discharge overcurrent detection voltage
(Test condition 3, test circuit 2)
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage between the VM pin and VSS pin whose
delay time for changing VDO from "H" to "L" lies between the minimum and the maximum value of discharge
overcurrent delay time when the voltage V2 is increased rapidly (within 10
s) from the starting condition of
V1 = 3.5 V, V2 = 0 V.
4. Load short-circuiting detection voltage
(Test condition 3, test circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage between the VM pin and VSS pin whose
delay time for changing VDO from "H" to "L" lies between the minimum and the maximum value of load short-circuiting
delay time when the voltage V2 is increased rapidly (within 10
s) from the starting condition of V1 = 3.5 V, V2 = 0 V.
5. Charge overcurrent detection voltage
(Test condition 4, test circuit 2)
Charge overcurrent detection voltage (VCIOV) is defined as the voltage between the VM pin and VSS pin whose delay
time for changing VCO from "H" to "L" lies between the minimum and the maximum value of charge overcurrent delay
time when the voltage V2 is decreased rapidly (within 10
s) from the starting condition of V1 = 3.5 V, V2 = 0 V.
6. Current consumption during operation
(Test condition 5, test circuit 2)
The current consumption during operation (IOPE) is the current that flows through the VDD pin (IDD) under the set
conditions of V1 = 3.5 V and V2 = 0 V (normal status).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com