전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 18 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 18 Page - ABLIC Inc.

Back Button S-8211CDB-M5T1U Datasheet HTML 14Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 15Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 16Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 17Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 22Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.7.7_03
18
7. Current consumption during power-down, current consumption during overdischarge
(Test condition 5, test circuit 2)
7. 1 With power-down function
The current consumption during power-down (IPDN) is the current that flows through the VDD pin (IDD) under the set
condition of V1 = V2 = 1.5 V (overdischarge status).
7. 2 Without power-down function
The current consumption during overdischarge (IOPED) is the current that flows through the VDD pin (IDD) under the
set condition of V1 = V2 = 1.5 V (overdischarge status).
8. Resistance between VM pin and VDD pin
(Test condition 6, test circuit 3)
The resistance between VM pin and VDD pin (RVMD) is the resistance between VM pin and VDD pin under the set
conditions of V1 = 1.8 V, V2 = 0 V.
9. Resistance between VM pin and VSS pin
(Test condition 6, test circuit 3)
The resistance between VM pin and VSS pin (RVMS) is the resistance between VM pin and VSS pin under the set
conditions of V1 = 3.5 V, V2 = 1.0 V.
10. CO pin resistance "H"
(Test condition 7, test circuit 4)
The CO pin resistance "H" (RCOH) is the resistance at the CO pin under the set conditions of V1 = 3.5 V, V2 = 0 V,
V3 = 3.0 V.
11. CO pin resistance "L"
(Test condition 7, test circuit 4)
The CO pin resistance "L" (RCOL) is the resistance at the CO pin under the set conditions of V1 = 4.5 V, V2 = 0 V,
V3 = 0.5 V.
12. DO pin resistance "H"
(Test condition 8, test circuit 4)
The DO pin resistance "H" (RDOH) is the resistance at the DO pin under the set conditions of V1 = 3.5 V, V2 = 0 V,
V4 = 3.0 V.
13. DO pin resistance "L"
(Test condition 8, test circuit 4)
The DO pin resistance "L" (RDOL) is the resistance at the DO pin under the set conditions of V1 = 1.8 V, V2 = 0 V, V4 =
0.5 V.
14. Overcharge detection delay time
(Test condition 9, test circuit 5)
The overcharge detection delay time (tCU) is the time needed for VCO to change from "H" to "L" just after the voltage
V1 momentarily increases (within 10
s) from overcharge detection voltage (VCU)  0.2 V to overcharge detection
voltage (VCU)  0.2 V under the set condition of V2 = 0 V.
15. Overdischarge detection delay time
(Test condition 9, test circuit 5)
The overdischarge detection delay time (tDL) is the time needed for VDO to change from "H" to "L" just after the voltage
V1 momentarily decreases (within 10
s) from overdischarge detection voltage (VDL)  0.2 V to overdischarge
detection voltage (VDL)  0.2 V under the set condition of V2 = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com