전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDB-M5T1U 데이터시트(PDF) 24 Page - ABLIC Inc.

부품명 S-8211CDB-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDB-M5T1U 데이터시트(HTML) 24 Page - ABLIC Inc.

Back Button S-8211CDB-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 23Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 24Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 25Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 26Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 27Page - ABLIC Inc. S-8211CDB-M5T1U Datasheet HTML 28Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.7.7_03
24
8. Delay circuit
The detection delay times are determined by dividing a clock of approximately 3.5 kHz by the counter.
Remark 1. The discharge overcurrent detection delay time (tDIOV) and the load short-circuiting detection delay time
(tSHORT) start when the discharge overcurrent detection voltage (VDIOV) is detected. When the load short-
circuiting detection voltage (VSHORT) is detected over the load short-circuiting detection delay time (tSHORT)
after the detection of discharge overcurrent detection voltage (VDIOV), the S-8211C Series turns the
discharging control FET off within the load short-circuiting detection delay time (tSHORT) from the time of
detecting VSHORT.
DO Pin
VM Pin
VDD
VDD
Time
VDIOV
VSS
VSS
VSHORT
Load short-circuiting detection delay time (tSHORT)
Time
tD
0
 tD  tSHORT
Figure 10
2. With power-down function
When any overcurrent is detected and the overcurrent continues for longer than the overdischarge
detection delay time (tDL) without the load being released, the status changes to the power-down status at
the point where the battery voltage falls below overdischarge detection voltage (VDL).
When the battery voltage falls below overdischarge detection voltage (VDL) due to overcurrent, the
S-8211C Series turns the discharging control FET off via overcurrent detection. In this case, if the
recovery of the battery voltage is so slow that the battery voltage after the overdischarge detection delay
time (tDL) is still lower than the overdischarge detection voltage (VDL), the S-8211C Series shifts to the
power-down status.
Without power-down function
When any overcurrent is detected and the overcurrent continues for longer than the overdischarge
detection delay time (tDL) without the load being released, the status changes to the overdischarge status
at the point where the battery voltage falls below overdischarge detection voltage (VDL).
When the battery voltage falls below overdischarge detection voltage (VDL) due to overcurrent, the
S-8211C Series turns the discharging control FET off via overcurrent detection. In this case, if the
recovery of the battery voltage is so slow that the battery voltage after the overdischarge detection delay
time (tDL) is still lower than the overdischarge detection voltage (VDL), the S-8211C Series shifts to the
overdischarge status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com