전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS7620 데이터시트(PDF) 48 Page - Cirrus Logic

부품명 CS7620
상세설명  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 데이터시트(HTML) 48 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 44Page - Cirrus Logic CS7620 Datasheet HTML 45Page - Cirrus Logic CS7620 Datasheet HTML 46Page - Cirrus Logic CS7620 Datasheet HTML 47Page - Cirrus Logic CS7620 Datasheet HTML 48Page - Cirrus Logic CS7620 Datasheet HTML 49Page - Cirrus Logic CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
CS7620
48
DS301PP2
4.30
Horizontal Timing Control - H1
Default = 68h; Read/Write (address 29h)
Bit Number
765432
10
Bit Name
Reserved
h1d
h1f_reg2
h1f_reg1
h1f_reg0
h1f_reg2
h1f_reg1
h1f_reg0
Default
-
1101000
Bit
Mnemonic
Function
7-
Reserved
6h1d
H1 Default Setting: During the vertical shift time, the horizontal clocks are
held in one state. This bit controls whether H1 is held high or low during this
time.
A “0” indicates that the signal state is low, a “1” indicates that the signal state
is high.
5
h1f_reg2
H1 Falling Edge: The phase of the falling edge of H1 can be programmed
through this register. The falling edge of H1 corresponds to the rising edge of
the internally selected clock. The phases of these clocks are shown in Figure
19, with the complemented clocks being the inverse of these.
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
4
h1f_reg1
3
h1f_reg0
2
h1f_reg2
H1 Rising Edge: The phase of the rising edge of H1 can be programmed
through this register. The rising edge of H1 corresponds to the rising edge of
the internally selected clock. The phases of these clocks are shown in Figure
19, with the complemented clocks being the inverse of these.
0 = t0
1 = t1
2 = t2
3 = t3
4 = t4
5 = t5
6 = t6
7 = t7
(See Figure 19)
1
h1f_reg1
0
h1f_reg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com