전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS7620 데이터시트(PDF) 54 Page - Cirrus Logic

부품명 CS7620
상세설명  CCD IMAGER ANALOG PROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7620 데이터시트(HTML) 54 Page - Cirrus Logic

Back Button CS7620 Datasheet HTML 50Page - Cirrus Logic CS7620 Datasheet HTML 51Page - Cirrus Logic CS7620 Datasheet HTML 52Page - Cirrus Logic CS7620 Datasheet HTML 53Page - Cirrus Logic CS7620 Datasheet HTML 54Page - Cirrus Logic CS7620 Datasheet HTML 55Page - Cirrus Logic CS7620 Datasheet HTML 56Page - Cirrus Logic CS7620 Datasheet HTML 57Page - Cirrus Logic CS7620 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
CS7620
54
DS301PP2
4.37
Compander - Slope 2 (LSBs)
Default = 60h; Read/Write (address 30h)
4.38
Compander - Slope 3 (LSBs)
Default = 20h; Read/Write (address 31h)
Bit Number
765432
10
Bit Name
slope27
slope26
slope25
slope24
slope23
slope22
slope21
slope20
Default
0
1100000
Bit
Mnemonic
Function
7
slope27
Compander Slope 2: Slope of second segment (slope2[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
6
slope26
5
slope25
4
slope24
3
slope23
2
slope22
1
slope21
0
slope20
Bit Number
765432
10
Bit Name
slope37
slope36
slope35
slope34
slope33
slope32
slope31
slope30
Default
0
0100000
Bit
Mnemonic
Function
7
slope37
Compander Slope 3: Slope of third segment (slope3[8:0]) of companding
curve. Max value is 1.996. The LSB step size is 0.0039. (See Figure 13)
6
slope36
5
slope35
4
slope34
3
slope33
2
slope32
1
slope31
0
slope30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com