전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 STM8S
상세설명  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 65Page - STMicroelectronics STM8S Datasheet HTML 66Page - STMicroelectronics STM8S Datasheet HTML 67Page - STMicroelectronics STM8S Datasheet HTML 68Page - STMicroelectronics STM8S Datasheet HTML 69Page - STMicroelectronics STM8S Datasheet HTML 70Page - STMicroelectronics STM8S Datasheet HTML 71Page - STMicroelectronics STM8S Datasheet HTML 72Page - STMicroelectronics STM8S Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 467 page
background image
DocID14587 Rev 14
69/467
RM0016
Interrupt controller (ITC)
72
6.9.2
Software priority register x (ITC_SPRx)
Address offset: 0x00 to 0x07
Reset value: 0xFF
7654
3210
ITC_SPR1
VECT3SPR[1:0]
VECT2SPR[1:0]
VECT1SPR[1:0]
VECT0SPR[1:0]
ITC_SPR2
VECT7SPR[1:0]
VECT6SPR[1:0]
VECT5SPR[1:0]
VECT4SPR[1:0]
ITC_SPR3
VECT11SPR[1:0]
VECT10SPR[1:0]
VECT9SPR[1:0]
VECT8SPR[1:0]
ITC_SPR4
VECT15SPR[1:0]
VECT14SPR[1:0]
VECT13SPR[1:0]
VECT12SPR[1:0]
ITC_SPR5
VECT19SPR[1:0]
VECT18SPR[1:0]
VECT17SPR[1:0]
VECT16SPR[1:0]
ITC_SPR6
VECT23SPR[1:0]
VECT22SPR[1:0]
VECT21SPR[1:0]
VECT20SPR[1:0]
ITC_SPR7
VECT27SPR[1:0]
VECT26SPR[1:0]
VECT25SPR[1:0]
VECT24SPR[1:0]
ITC_SPR8
Reserved
VECT29SPR[1:0]
VECT28SPR[1:0]
rw
rw
rw
rw
rw
Bits 7:0 VECTxSPR[1:0]: Vector x software priority bits
These eight read/write registers (ITC_SPR1 to ITC_SPR8) are written by software to define the
software priority of each interrupt vector.
The list of vectors is given in Table 10: Vector address map versus software priority bits.
Refer to Section 6.9.1: CPU condition code register interrupt bits (CCR) for the values to be
programmed for each priority.
ITC_SPR1 bits 1:0 are forced to 1 by hardware (TLI)
ITC_SPR8 bits 7:4 are forced to 1 by hardware.
Note: It is forbidden to write 10 (priority level 0). If 10 is written, the previous value is kept and the
interrupt priority remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More