전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17P136ACT 데이터시트(PDF) 16 Page - NEC

부품명 UPD17P136ACT
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT 데이터시트(HTML) 16 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 12Page - NEC UPD17P136ACT Datasheet HTML 13Page - NEC UPD17P136ACT Datasheet HTML 14Page - NEC UPD17P136ACT Datasheet HTML 15Page - NEC UPD17P136ACT Datasheet HTML 16Page - NEC UPD17P136ACT Datasheet HTML 17Page - NEC UPD17P136ACT Datasheet HTML 18Page - NEC UPD17P136ACT Datasheet HTML 19Page - NEC UPD17P136ACT Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 292 page
background image
- ix -
14-1
Interrupt Control Register ...................................................................................................................... 152
14-2
Interrupt Processing Procedure ............................................................................................................ 158
14-3
Return from Interrupt Processing .......................................................................................................... 159
14-4
Interrupt Accepting Timing (When INTE = 1, IP
××× = 1) ..................................................................... 160
14-5
Example of Multi-interrupt ..................................................................................................................... 163
15-1
Block Diagram for the AC Zero Cross Detector ................................................................................... 167
15-2
Zero Cross Detection Signal ................................................................................................................. 168
16-1
Releasing HALT Mode ........................................................................................................................... 171
16-2
Releasing STOP Mode .......................................................................................................................... 175
17-1
Reset Block Configuration ..................................................................................................................... 181
17-2
Reset Operation ..................................................................................................................................... 181
17-3
Example of the Power-On Reset Operation ......................................................................................... 184
17-4
Example of the Power-Down Reset Operation ..................................................................................... 186
17-5
Example of Reset Operation during the Period from Power-Down Reset to Power Recovery ......... 187
18-1
Procedure of Program Memory Writing ................................................................................................ 191
18-2
Procedure of Program Memory Reading .............................................................................................. 192
D-1
External Circuit of System Clock Oscillation Circuit ............................................................................. 267
D-2
Example of Incorrect Oscillation Circuits .............................................................................................. 268
LIST OF FIGURES (3/3)
Figure No.
Title
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More