전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17P136ACT 데이터시트(PDF) 17 Page - NEC

부품명 UPD17P136ACT
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT 데이터시트(HTML) 17 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 13Page - NEC UPD17P136ACT Datasheet HTML 14Page - NEC UPD17P136ACT Datasheet HTML 15Page - NEC UPD17P136ACT Datasheet HTML 16Page - NEC UPD17P136ACT Datasheet HTML 17Page - NEC UPD17P136ACT Datasheet HTML 18Page - NEC UPD17P136ACT Datasheet HTML 19Page - NEC UPD17P136ACT Datasheet HTML 20Page - NEC UPD17P136ACT Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 292 page
background image
- x -
LIST OF TABLES (1/2)
Table No.
Title
Page
2-1
Processing of Unused Pins ..................................................................................................................... 14
4-1
Program Memory Configuration .............................................................................................................. 23
4-2
Vector Address for the
µPD17134A Subseries ...................................................................................... 24
6-1
Operation of Stack Pointer ...................................................................................................................... 37
6-2
Operation of the Instructions CALL, RET, and RETSK .......................................................................... 38
6-3
Stack Operation during Table Reference ................................................................................................ 38
6-4
Operation during Interrupt Receipt and RETI Instruction ...................................................................... 39
6-5
Stack Operation during the PUSH and POP Instructions ...................................................................... 39
7-1
Specifying the Bank in Data Memory ...................................................................................................... 46
7-2
Instructions Subject to Address Modification .......................................................................................... 48
7-3
Zero Flag (Z) and Compare Flag (CMP) ................................................................................................ 61
10-1
Peripheral Hardware ................................................................................................................................79
11-1
List of ALU Instructions ............................................................................................................................ 86
11-2
Results of Arithmetic Operations Performed in 4-Bit Binary and BCD .................................................. 89
11-3
Types of Arithmetic Operations ............................................................................................................... 91
11-4
Logical Operations ................................................................................................................................... 93
11-5
Table of True Values for Logical Operations .......................................................................................... 93
11-6
Bit Judgement Instructions ...................................................................................................................... 94
11-7
Comparison Judgement Instructions ....................................................................................................... 96
12-1
Writing into and Reading from the Port Register (0.70H) .................................................................... 101
12-2
Writing into and Reading from the Port Register (0.71H) .................................................................... 102
12-3
Switching the Port and A/D Converter .................................................................................................. 103
12-4
Register File Contents and Pin Functions ............................................................................................ 104
12-5
Contents Read from the Port Register (0.73H) .................................................................................... 105
12-6
Writing into and Reading from the Port Register (1.70H) .................................................................... 105
13-1
Data Conversion Time for the A/D Converter ....................................................................................... 138
13-2
Serial Clock List ..................................................................................................................................... 141
13-3
Operating Mode of the Serial Interface ................................................................................................. 143
14-1
Interrupt Source Types .......................................................................................................................... 150
14-2
Interrupt Request Flag and Interrupt Enable Flag ................................................................................ 151
16-1
Status in Standby Mode ........................................................................................................................ 169
16-2
HALT Mode Release Condition ............................................................................................................. 170
16-3
Start Address after HALT Mode Is Released ........................................................................................ 170
16-4
STOP Mode Release Condition ............................................................................................................ 174
16-5
Start Address after STOP Mode Is Released ....................................................................................... 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More