| 전자부품 데이터시트 검색엔진 |
|
PRT2011CVL5A 데이터시트(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT2011CVL5A 데이터시트(HTML) 52 Page - NXP Semiconductors |
|
52 / 112 page ![]() i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020 52 NXP Semiconductors Electrical Characteristics NOTE T CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the default values are shown above. Please refer to the i.MX RT1064 Reference Manual (IMXRT1064RM) for more details. Figure 25. FlexSPI output timing in SDR mode 4.5.2.2.2 SDR mode NOTE T CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the default values are shown above. Please refer to the i.MX RT1064 Reference Manual (IMXRT1064RM) for more details. TCSS Chip select output setup time 3 x TCK - 1 — ns TCSH Chip select output hold time 3 x TCK + 2 — ns 1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing specifications. Table 46. FlexSPI output timing in SDR mode Symbol Parameter Min Max Unit Frequency of operation1 1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing specifications. — 166 MHz Tck SCK clock period (FlexSPIn_MCR0[RXCLKSRC] = 0x0) 6.0 — ns TDVO Output data valid time — 2.2 ns TDHO Output data hold time 0.8 — ns TCSS Chip select output setup time 3 x TCK /2 - 0.7 — ns TCSH Chip select output hold time 3 x TCK /2 + 0.8 — ns Table 45. FlexSPI output timing in SDR mode (continued) Symbol Parameter Min Max Unit T CSS T CK TCSH TDVO TDHO TDVO TDHO SCK CS SIO[0:7] |