| 전자부품 데이터시트 검색엔진 |
|
STM32H723VG 데이터시트(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VG 데이터시트(HTML) 87 Page - STMicroelectronics |
|
87 / 227 page ![]() DS13313 Rev 2 87/227 STM32H723xE/G Electrical characteristics 208 6.1.6 Power supply scheme Figure 10. Power supply scheme 1. Refer to application note AN5419 “Getting started with STM32H723/733, STM32H725/735 and STM32H730 Value Line hardware development“ for the possible power scheme and connected capacitors. BKUP IOs VDD domain Analog domain Core domain (VCORE) Backup domain D3 domain (System logic, EXTI, Peripherals, RAM) D1 domain (CPU, peripherals, RAM) OPAMP, Comparator ADC, DAC Flash D2 domain (peripherals, RAM) Power switch VCAP VSS VDDLDO VBAT VDDA VREF+ VREF- VSSA Backup regulator VDD Backup RAM Power switch HSI, CSI, HSI48, HSE, PLLs IOs VSS VSS REF_BUF VSS IO logic VREF+ VSW LSI, LSE, RTC, Wakeup logic, backup registers, Reset IO logic VBKP VBAT charging VREF- VDD33USB USB FS IOs LDO voltage regulator |